PART |
Description |
Maker |
AS7C331MNTD32-36A_V1.6 AS7C331MNTD36A-200TQIN AS7C |
LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5; Qty per Container: 3000; Container: Reel 1M X 32 ZBT SRAM, 3.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5; Qty per Container: 1000; Container: Reel LM4040 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3; Qty per Container: 1800; Container: Box LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel 3.3V 1M x 32/36 Pipelined SRAM with NTD From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
NJU7711F3 NJU7710 NJU7710F NJU7710F3 NJU7711F |
10-V Precision Micropower Shunt Voltage Reference, 0.1% accuracy 5-SC70 -40 to 85 10-V Precision Micropower Shunt Voltage Reference, 0.1% accuracy 3-SOT-23 -40 to 85 2ch VOLTAGE DETECTOR
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
ADR5045 ADR5040 ADR5044 |
Precision Micropower Shunt Mode Voltage Reference Applications (5.0 V-out) Precision Micropower Shunt Mode Voltage Reference Applications (2.048 V-out) Precision Micropower Shunt Mode Voltage Reference Applications (4.096 V-out)
|
Analog Devices
|
LM4050AEM3-3.0-T LM4050AEX3-3.0-T LM4050AEM3-4.1-T |
50ppm/C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages 50ppm/∑C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO3
|
Maxim Integrated Products, Inc.
|
ZXRE330 |
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
|
Diodes Incorporated
|
LM4040A20IDBZR LM4040A20IDBZT LM4040A20IDCKR LM404 |
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
|
VISAY[Vishay Siliconix]
|
LM404007 LM4040D10IDBZR LM4040D10IDBZT LM4040D10ID |
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
|
Vishay Siliconix
|
MAXIM |
Improved Precision Micropower Shunt Voltage Reference
|
LM4041
|
AS4041 |
Precision Micropower 1.24V Shunt Voltage Reference
|
Sipex Corporation
|
LM4041DFTA LM4041 LM4041CFTA |
1.225V Precision micropower shunt voltage reference
|
ZETEX[Zetex Semiconductors]
|